PART |
Description |
Maker |
BTB20-600BW BTB20-600CW BTB20-700BW BTB20-700CW BT |
700 V, 20 A, SNUBBERLESS TRIAC, TO-220AB From old datasheet system SNUBBERLESS TRIACS 20A TRIACS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
T1235H-6G |
High-temperature 12A Triacs
|
ST Microelectronics
|
T1635H-600G T1635H-600G-TR T1635H-600TRG T1635H-60 |
Snubberless TM high temperature 16 A Triacs
|
STMICROELECTRONICS[STMicroelectronics]
|
T810H-6G-TR T810H-6T-TR |
High temperature 8 A sensitive TRIACs
|
STMicroelectronics
|
T610H-6T |
High temperature 6 A sensitive TRIACs
|
STMicroelectronics
|
T1635H-6G T1635H-6G-TR T1635H-6I T1635H-6T T1635H0 |
High temperature 16 A Triacs High temperature 16 A Triacs
|
STMicroelectronics
|
BTA20-600B BTA20-800B BTA20-600C BTA20-700B BTA20- |
RMS on-state current (full sine wave) 20A TRIACS
|
Kersemi Electronic Co.,...
|
BZX79 BZX79-A10 BZX79-A11 BZX79-A12 BZX79-A13 BZX7 |
0.8A TRIACS 稳压二极管兆 16A Snubberless" TRIAC 40A TRIACS 1 A triacs Sensitive 4Q 4A TRIAC 25 A standard and Snubberless" triacs 4A TRIACS Voltage regulator diodes
|
Mospec Semiconductor, Corp. Philips Semiconductors
|
BTA204M-800B BTA204M-600C BTA204M-500C BTA204M BTA |
Three quadrant triacs high commutation(涓?薄???????㈠????纭? Three quadrant triacs high commutation(三象限双向高换向可控 From old datasheet system Three quadrant triacs guaranteed commutation
|
NXP SEMICONDUCTORS PHILIPS[Philips Semiconductors]
|
BT139X BT139X-500 BT139X-500F BT139X-500G BT139X-6 |
Triacs(??????纭? Transient Voltage Suppressor Diodes 双向可控 DIODE ZENER SINGLE 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOD-323 3K/REEL 800 V, 16 A, TRIAC Triacs(双向可控 500 V, 16 A, TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA212X-800B BTA212X-800C BTA212X-800F BTA212X BTA |
Shielded Multiconductor Cable; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:40; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Three quadrant triacs high commutation Three quadrant triacs guaranteed commutation
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|